2012-01. all specifications are subject to change without notice. phone: +886-2-8227-3585 e-mail: sales@technexion.com web: http://www.technexion.com TH-1235 fanless 12.1 inch 450 nits hmi with 800 x 600 screen resolution based around ti sitara am3517 arm cortex-a8 processor. dimensions units in mm order information TH-1235 12.1 inch hmi with ti am3517 options wireless lan 802.11b/g integrated module speakers 2 watt speakers (2x) magnet front bezel magnetic mounted bezel system cpu ti sitara am3517 @ 600 mhz memory 256 mb ddr2 storage 512 mb nand flash supported os linux 2.6.x, windows ce6, android interfaces connectors 12 vdc in, microsd cardslot, 4 usb host, 2 rs-232 of which 1 is switchable rs-232/ 422/ 485, can bus, lan buttons 8 software programmable buttons dipswitch 8 position programmable piano dipswitch display graphic capabilities powervr sgx 530 10mpolys/s api support opengl 2.0, opengles 1.1, openvg 1.0 screen 12.1? lcd display resolution 800 x 600 pixels maximum colors 262k luminance 450 cd/m2 touchscreen 4 wire resistive power input power 12 vdc environmental and mechanical temperature 0 to 50 c humidity 10-90% dimensions 307 x 246 x 43 mm 12 x 9? x 1? inch mtbf >50,000 hours weight 2.9 kg certification ce, fcc, rohs compliant risc based hmi computing series 246 307 43 247,3 185,8
|